Part Number Hot Search : 
1060CT DM064 MM1095 SCG015 7C142 MM1095 RN4606 NSA3447D
Product Description
Full Text Search
 

To Download BZV58C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZV58 C8V2 ... BZV58 C200 (5 W) Silicon-Power-Z-Diodes (non-planar technology) Silizium-Leistungs-Z-Dioden (flachendiffundierte Dioden)
Maximum power dissipation Maximale Verlustleistung Nominal Z-voltage - Nominale Z-Spannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
5W 8.2...200 V ~ DO-201 1g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
see page 16 siehe Seite 16
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung gestuft nach der internationalen Reihe E 24 (~5%). Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics Power dissipation Verlustleistung Non repetitive peak power dissipation, t < 10 ms Einmalige Impuls-Verlustleistung, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to lead Warmewiderstand Sperrschicht - Anschludraht Zener voltages see table on next page Zener-Spannungen siehe Tabelle auf der nachsten Seite TA = 25/C TA = 25/C
Grenz- und Kennwerte Ptot PZSM Tj TS RthA RthL 5.0 W 1) 60 W - 50...+150/C - 50...+175/C < 25 K/W 1) < 8 K/W
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 218 28.02.2002
BZV58 C8V2 ... BZV58 C200 (5 W) Maximum ratings
Type Typ Zener voltage 2) Zener-Spanng.2) IZ = IZtest VZmin [V] VZmax Test Dyn. resistance Temp. Coeffiz. current Diff. Widerst. of Z-voltage Mestrom Iztest / 1 kHz ...der Z-spanng. rzj [S] "VZ [10-4//C] IZtest [mA] Reverse volt. Sperrspanng. IR = 1 :A VR [V]
Grenzwerte
Z-current 1) Z-Strom 1) TA = 50/C IZmax [mA]
BZV58 C 8.2 BZV58 C 9.1 BZV58 C 10 BZV58 C 11 BZV58 C 12 BZV58 C 13 BZV58 C 15 BZV58 C 16 BZV58 C 18 BZV58 C 20 BZV58 C 22 BZV58 C 24 BZV58 C 27 BZV58 C 30 BZV58 C 33 BZV58 C 36 BZV58 C 39 BZV58 C 43 BZV58 C 47 BZV58 C 51 BZV58 C 56 BZV58 C 62 BZV58 C 68 BZV58 C 75 BZV58 C 82 BZV58 C 91 BZV58 C 100 BZV58 C 110 BZV58 C 120 BZV58 C 130 BZV58 C 150 BZV58 C 160 BZV58 C 180 BZV58 C 200
7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138 153 168 188
8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 88 96 106 116 127 141 156 171 191 212
150 150 125 125 100 100 75 75 65 65 50 50 50 40 40 30 30 30 25 25 20 20 20 20 15 15 12 12 10 10 8 8 5 5
< 1.5 <2 <2 < 2.5 < 2.5 < 2.5 < 2.5 < 2.5 < 2.5 <3 < 3.5 < 3.5 <5 <8 < 10 < 11 < 14 < 20 < 25 < 27 < 35 < 42 < 44 < 50 < 65 < 75 < 90 < 125 < 170 < 190 < 250 < 300 < 350 < 450
+3...+8 +3...+8 +5...+9 +5...+10 +5...+10 +5...+10 +5...+10 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +7...+12 +7...+12 +7...+12 +7...+12 +8...+13 +8...+13 +8...+13 +8...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13
> 3 (7.5:A) >6.6 (7.5:A) > 7.6 (5:A) > 8.3 (5:A) > 9.1 (2:A) > 9.9 > 11.4 > 12.2 > 13.7 > 15.2 > 16.7 > 18.2 > 20.5 > 22.8 > 25 > 27.4 > 29.6 > 32.7 > 35.7 > 38.8 > 42.5 > 47.1 > 51.7 > 57 > 62.4 > 69.2 > 76 > 83.5 > 91.2 > 98.8 > 114 > 122 > 137 > 152
570 520 470 430 390 350 320 290 260 235 215 195 170 155 140 130 120 110 100 92 83 75 69 63 57 52 47 43 39 35 32 29 26 23
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 2 ) Tested with pulses - Gemessen mit Impulsen 28.02.2002
219


▲Up To Search▲   

 
Price & Availability of BZV58C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X